Part Number Hot Search : 
ST485ECN CX11VSM DM106 LMUN5314 AQV234AX G4PC50 TMP86 10N60RU
Product Description
Full Text Search
 

To Download BY399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAST RECOVER RECTIFIER
BY396 THRU BY399
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
100 to 800 Volts 3.0Ampere
DO-27
.052(1.3) .048(1.2) 1.0(25.4) MIN. DIA.
Low coat construction Fast switching for high efficency. Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.375(9.5) .335(8.5) .220(5.6) .197(5.0) 1.0(25.4) MIN. DIA.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.042ounce, 1.19 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 75 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM VF IR trr CJ RJA TJ TSTG
BY396 100 70 100
BY397 200 140 200 3.0 100 1.3 10 500 500 28 22
BY398 400 280 400
BY399 800 560 800
UNITS
Volts Volts Volts Amp Amps Volts A ns pF
/W
Maximum Reverse Recovery Time (Note 3) T J=25 Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
(-55 to +150) (-55 to +150)
Notes: 1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits. 2 Thermal Resistance from junction to Ambient at .375"(9.5mm)lead length, P.C.board mounted. 3.Reverse Recovery Test Conditions:If=10mA,Ir=10mA,Irr=1A
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FAST RECOVER RECTIFIER
BY396 THRU BY399
VOLTAGE RANGE CURRENT
100 to 800 Volts 3.0Ampere
RATING AND CHRACTERISTIC CURVES BY396 THRU BY399
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100 8.3ms Single Half Sine-Wave (JEDEC Method) Tj=Tjmax
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
3.0
AVERAGE FORWARD CURRENT,
2.0
PEAK FORWARD SURGE
50
1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm)Lead Length
0 0 25 50 75 100 125 150 175 1 1 2
CURRENT, (A)
(A)
4
6
8
10
20
40
60 80 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE CHARACTERISTICS FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT,
20 10
20 10
INSTANTANEOUS REVERSE CURRENT,
T =100 C
1.0
(A)
1.0
(uA)
T =75 C j
Tj =25 C Pulse Width=300us 1% Duty Cycle
0.1
0.1 Tj =25 C
0.01 0 20 40 60 80 100 120 140
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TEST CIRCUIT DIAGRAM AND REVERSE REXOVERY TIME CHARACTERISTIC
100
JUNCTION CAPACITANCE,(pF)
+0.5A 50 NONINDUCTIVE 10 NONINDUCTIVE
(-) (+) 25 Vdc approx (-)
0 0.25A
D.U.T
10
PULSE GENERATIOR (NOTE 2)
1 NON INDUCTIVE
OSCILLOSCOPE (NOTE 1) -1.0A
TJ=25 C F=1MHz
Vsig=50mVp-p
NOTE: 1.Rise Time =7ns max.Input Impedance=1megohm.22pF 2.Rise time=10ns max.Source Impedance=50 ohms
SET TIME BASE FOR 50 /100NS /cm
1 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of BY399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X